Part Number Hot Search : 
SMA6862 SP3243 Q160C TC74VH X1091B LA2003 A1208 AM29F
Product Description
Full Text Search
 

To Download SX1018 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EE-SX1018
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Photomicrosensor
(Through-beam)
Features
* * *
Compact model with a 2-mm-wide slot. PCB mounting type. High resolution with a 0.5-mm-wide slit.
Four, C0.3
0.50.05
Absolute Maximum Ratings (Ta = 25C)
Item Emitter Forward current Pulse forward current Symbol IF IFP VR VCEO VECO Rated value 50 mA (see note 1) 1A (see note 2) 4V 30 V --20 mA 100 mW (see note 1) -25C to 85C -30C to 100C 260C
Optical axis
Four, 0.5 Four, 0.25
Reverse voltage Receiver
Cross section AA
Collector-Emitter voltage Emitter-Collector voltage
Collector current IC Internal Circuit
K C
Collector dissipation Unless otherwise specified, the tolerances are as shown below. Ambient temperature Operating Storage Soldering temperature Note:
PC Topr Tstg Tsol
A
E
Dimensions 3 mm max. 3 t mm v 6 6 t mm v 10 10 t mm v 18 18 t mm v 30
Tolerance 0.3 0.375 0.45 0.55 0.65
Terminal No. A K C E
Name Anode Cathode Collector Emitter
1. Refer to the temperature rating chart if the ambient temperature exceeds 25C. 2. The pulse width is 10 s maximum with a frequency of 100 Hz. 3. Complete soldering within 10 seconds.
Electrical and Optical Characteristics (Ta = 25C)
Item Emitter Forward voltage Reverse current Peak emission wavelength Receiver Light current Dark current Leakage current Collector-Emitter saturated voltage Peak spectral sensitivity wavelength Rising time Falling time IR P IL ID ILEAK VCE (sat) P tr tf Symbol VF Value 1.2 V typ., 1.5 V max. 0.01 A typ., 10 A max. 940 nm typ. 0.5 mA min., 14 mA max. 2 nA typ., 200 nA max. --0.1 V typ., 0.4 V max. 850 nm typ. 4 s typ. 4 s typ. IF = 30 mA VR = 4 V IF = 20 mA IF = 20 mA, VCE = 10 V VCE = 10 V, 0 x --IF = 20 mA, IL = 0.1 mA VCE = 10 V VCC = 5 V, RL = 100 , IL = 5 mA VCC = 5 V, RL = 100 , IL = 5 mA Condition
38
EE-SX1018 Engineering Data
Forward Current vs. Collector Dissipation Temperature Rating
Collector dissipation Pc (mW)
IF Pc
EE-SX1018
Forward Current vs. Forward Voltage Characteristics (Typical)
Light Current vs. Forward Current Characteristics (Typical)
Ta = 25C VCE = 10 V
Forward current I F (mA)
Forward current I F (mA)
Ta = -30C Ta = 25C Ta = 70C
Ambient temperature Ta (C)
Forward voltage VF (V)
Light current I L (mA)
Forward current IF (mA)
Light Current vs. Collector-Emitter Voltage Characteristics (Typical)
Ta = 25C
Relative Light Current vs. Ambient Temperature Characteristics (Typical)
Relative light current I L (%)
IF = 20 mA VCE = 5 V
Dark Current vs. Ambient Temperature Characteristics (Typical)
VCE = 10 V 0x
IF = 50 mA IF = 40 mA
Light current I L (mA)
IF = 30 mA
IF = 20 mA
IF = 10 mA
Dark current I D (nA)
Collector-Emitter voltage VCE (V)
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Response Time vs. Load Resistance Characteristics (Typical)
Sensing Position Characteristics (Typical)
Response Time Measurement Circuit
Relative light current I L (%)
Vcc = 5 V Ta = 25C
Response time tr, tf ( s)
IF = 20 mA VCE = 10 V Ta = 25C (Center of optical axis)
Input 90 % 10 %
Output
Input
Output
Load resistance RL (k)
Distance d (mm)
39


▲Up To Search▲   

 
Price & Availability of SX1018

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X